PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
MJD200 MJD210 MJD200T4 MJD200-1 MJD210-1 MJD210T4 |
From old datasheet system Complementary Plastic Power Transistors SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS 5 A, 25 V, PNP, Si, POWER TRANSISTOR
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
TIP41C TIP42B TIP41A TIP42C TIP42A TIP41B ON2987 |
POWER TRANSISTORS COMPLEMENTARY SILICON 6 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB 6 AMPERE POWER TRANSISTORS From old datasheet system
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] http://
|
BD802 |
Plastic High Power Silicon PNP Transistor POWER TRANSISTORS PNP SILICON
|
Motorola, Inc Motorola Inc ON Semiconductor
|
2SB1255 |
Silicon PNP Power Transistors Silicon PNP Darlington Power Transistors
|
Savantic, Inc.
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
TIP32 TIP32B TIP32C TIP32A |
3 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER TRANSISTORS
|
Power Innovations Limited POINN[Power Innovations Ltd]
|
BC638ZL1 BC636-16ZL1 BC640 BC640ZL1 BC636 BC636-16 |
Transistor Silicon Plastic PNP High Current Transistors PNP Silicon High Current Transistors(PNP Silicon) High Current Transistors 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ONSEMI[ON Semiconductor]
|
MJ3281A NH1302A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
|
Motorola Inc MOTOROLA[Motorola, Inc]
|
MJL21193 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|